PART |
Description |
Maker |
ST72T752J6B1 ST72752 ST72752J4 ST72752J5 ST72752J6 |
8-BIT MICROCONTROLLER 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC,TIMER, SYNC, PWM/BRM, DDC/DMA & I 2 C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C 8位微控制器与监控多达2K光盘,每1000内存,模数转换器,定时器,同步,脉宽调制/的BRMDDC DMA
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
MAX1253 MAX1254 MAX1253BEUE MAX1253AEUE MAX1254AEU |
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 9-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 Stand-Alone / 10-Channel / 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
|
http:// Maxim Integrated Products, Inc.
|
DS1854 DS1854E-050 DS1854B-050 |
Dual Temperature-Controlled Resistors with Two Monitors
|
MAXIM[Maxim Integrated Products]
|
DS1859 DS1859B-020 DS1859B-050 DS1859E-020 DS1859E |
Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
62762104N |
Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors HANDGEWINDEBOHRER因子类基金会10 Inhalt亲Packung沙头角
|
PHOENIX CONTACT Deutschland GmbH
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
EMC5.0F-LC EMC8.0F-LC EMC3.3F-LC EMC15F-LC EMC12F- |
Direct ProTek Replacement:EMC5.0F-LC Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 10-DFN High Power LED Driver; Temperature Range: -25°C to 85°C; Package: 20-QFN Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -25°C to 85°C; Package: 32-TQFP 直接太克替代:EMC3.3F,立法会 Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 直接太克替代:EMC8.0F,立法会
|
New Japan Radio Co., Ltd.
|
LTC2906CTS8 LTC2906ITS8 LTC2907ITS8 LTC2907IDDB LT |
From old datasheet system Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|